Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8026 Datasheet (PDF) - NXP Semiconductors

SA8026 Datasheet PDF - NXP Semiconductors
Part # SA8026
Download  SA8026 Download
File Size   289.07 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5GHz low voltage fractional-N dual frequency synthesizer

SA8026 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA8026 Datasheet PDF - NXP Semiconductors

Part # SA8026
Download  SA8026 Click to download

File Size   289.07 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5GHz low voltage fractional-N dual frequency synthesizer

SA8026 Datasheet (HTML) - NXP Semiconductors


SA8026 Product details

GENERAL DESCRIPTION
The SA8026 BICMOS device integrates programmable dividers, charge pumps and a phase comparator to implement a phase-locked loop. The device is designed to operate from 3 NiCd cells, in pocket phones, with low current and nominal 3 V supplies.

FEATURES
• Low phase noise
• Low power
• Fully programmable main and auxiliary dividers
• Normal & Integral charge pumps outputs
• Fast Locking Adaptive mode design
• Internal fractional spurious compensation
• Hardware and software power down
• Split supply for VDD and VDDCP

APPLICATIONS
• 350 to 2500 MHz wireless equipment
• Cellular phones (all standards)
• WLAN
• Portable battery-powered radio equipment.




Similar Part No. - SA8026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8025ADK PHILIPS-SA8025ADK Datasheet
456Kb / 23P
Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027DH PHILIPS-SA8027DH Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027W PHILIPS-SA8027W Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results


Similar Description - SA8026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
10/03-Data Sheet changed from REV. A to REV. B.
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com