Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8025A Datasheet (PDF) - NXP Semiconductors

SA8025A Datasheet PDF - NXP Semiconductors
Part # SA8025A
Download  SA8025A Download
File Size   456.79 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage 1.8GHz fractional-N synthesizer

SA8025A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA8025A Datasheet PDF - NXP Semiconductors

Part # SA8025A
Download  SA8025A Click to download

File Size   456.79 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage 1.8GHz fractional-N synthesizer

SA8025A Datasheet (HTML) - NXP Semiconductors


SA8025A Product details

DESCRIPTION
The SA8025A is a monolithic low power, high performance dual frequency synthesizer fabricated in QUBiC BiCMOS technology. The SA8025A is an improved version of the SA8025, suitable for narrow band systems like the Japan Personal Digital Cellular (PDC) system. The new design improves the performance of the fractional spur compensation circuitry. The new version is pin-for-pin compatible with the previous version.

FEATURES
• Operation up to 1.8GHz at 3V
• Fast locking by “Fractional-N” divider
• Auxiliary synthesizer
• Digital phase comparator with proportional and integral charge pump output
• High speed serial input
• Low power consumption
• Programmable charge pump currents
• Supply voltage range 2.7 to 5.5V
• Excellent input sensitivity: VRF_IN = –20dBm

APPLICATIONS
• PHS (Personal Handy-phone System)
• PDC (Personal Digital Cellular)
• PCS (Personal Communication Service)
• Portable communication systems




Similar Part No. - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027DH PHILIPS-SA8027DH Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027W PHILIPS-SA8027W Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results


Similar Description - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com