Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956 Datasheet (PDF) - Analog Devices

AD9956 Datasheet PDF - Analog Devices
Part # AD9956_15
Download  AD9956 Download
File Size   786.21 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 GHz DDS-Based AgileRF Synthesizer

AD9956 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9956 Datasheet PDF - Analog Devices

Part # AD9956_15
Download  AD9956 Click to download

File Size   786.21 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 GHz DDS-Based AgileRF Synthesizer

AD9956 Datasheet (HTML) - Analog Devices




Similar Part No. - AD9956_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
535Kb / 32P
2.7 GHz DDS-Based AgileRFTM Synthesizer
Rev. B
AD9956/PCB AD-AD9956/PCB Datasheet
805Kb / 32P
2.7 GHz DDS-Based AgileRF
Jul-2004
AD9956/PCB AD-AD9956/PCB Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956/PCB AD-AD9956/PCB Datasheet
535Kb / 32P
2.7 GHz DDS-Based AgileRFTM Synthesizer
Rev. B
More results


Similar Description - AD9956_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9956 AD-AD9956 Datasheet
805Kb / 32P
2.7 GHz DDS-Based AgileRF
Jul-2004
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com