Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956 Datasheet (PDF) - Analog Devices

AD9956 Datasheet PDF - Analog Devices
Part # AD9956
Download  AD9956 Download
File Size   805.15 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 GHz DDS-Based AgileRF

AD9956 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9956 Datasheet PDF - Analog Devices

Part # AD9956
Download  AD9956 Click to download

File Size   805.15 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 GHz DDS-Based AgileRF

AD9956 Datasheet (HTML) - Analog Devices


AD9956 Product details

PRODUCT OVERVIEW
The AD9956 is Analog Devices’ newest AgileRF synthesizer. The device is comprised of DDS and PLL circuitry. The DDS features a 14-bit DAC operating at up to 400 MSPS and a 48-bit frequency tuning word (FTW). The PLL circuitry includes a phase frequency detector with scaleable 200 MHz inputs (divider inputs operate up to 655 MHz) and digital control over the charge pump current. The device also includes a 655 MHz CML-mode PECL-compliant driver with programmable slew rates. The AD9956 uses advanced DDS technology, an internal high speed, high performance DAC, and an advanced phase frequency detector/charge pump combination, which, when used with an external VCO, enables the synthesis of digitally programmable, frequency-agile analog output sinusoidal waveforms up to 2.7 GHz.

FEATURES
   400 MSPS internal DDS clock speed
   48-bit frequency tuning word
   14-bit programmable phase offset
   Integrated 14-bit DAC
      Excellent dynamic performance
      Phase noise ≤ 135 dBc/Hz @ 1 KHz offset
      −80 dB SFDR @ 160 MHz (±100 KHz offset IOUT)
   25 Mb/s write-speed serial I/O control
   200 MHz phase frequency detector inputs
   655 MHz programmable input dividers for the phase
      frequency detector (÷M, ÷N) {M, N = 1..16} (bypassable)
   Programmable RF divider (÷R) {R = 1, 2, 4, 8} (bypassable)
   8 phase/frequency profiles
   1.8 V supply for device operation
   3.3 V supply for I/O and charge pump
   Software controlled power-down
   48-lead LFCSP package
   Automatic linear frequency sweeping capability (in DDS)
   Programmable charge pump current (up to 4 mA)
   Phase modulation capability
   Multichip synchronization
   Dual-mode PLL lock detect
   655 MHz CML-mode PECL-compliant driver

APPLICATIONS
   Agile LO frequency synthesis
   FM chirp source for radar and scanning systems
   Automotive radars
   Test and measurement equipment
   Acousto-optic device drivers




Similar Part No. - AD9956

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9956 AD-AD9956 Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956 AD-AD9956 Datasheet
535Kb / 32P
2.7 GHz DDS-Based AgileRFTM Synthesizer
Rev. B
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
535Kb / 32P
2.7 GHz DDS-Based AgileRFTM Synthesizer
Rev. B
AD9956/PCB AD-AD9956/PCB Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results


Similar Description - AD9956

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
MAFR-000403-000001 2.7 GHz-3.1 GHz
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
2.5 - 2.7 GHz WiMAX BPF
logo
Mitsubishi Electric Sem...
MGFS44V2735 MITSUBISHI-MGFS44V2735_11 Datasheet
135Kb / 3P
2.7-3.5 GHz BAND / 24W
MGFS45B2527B MITSUBISHI-MGFS45B2527B Datasheet
189Kb / 4P
2.5-2.7 GHz BAND / 30W
MGFS45V2735 MITSUBISHI-MGFS45V2735_11 Datasheet
128Kb / 3P
2.7-3.5 GHz BAND / 30W
MGFS45V2527A MITSUBISHI-MGFS45V2527A_11 Datasheet
125Kb / 3P
2.7-3.5 GHz BAND / 30W
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion
REV. A
AD9956 AD-AD9956_15 Datasheet
786Kb / 32P
2.7 GHz DDS-Based AgileRF Synthesizer
REV. A
logo
Qorvo, Inc
TGA2731-SM QORVO-TGA2731-SM Datasheet
616Kb / 15P
2.7??.0 GHz Driver Amplifier
Julyl 2019
logo
Analog Devices
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com