Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N60C3 Datasheet (PDF) - Intersil Corporation

20N60C3 Datasheet PDF - Intersil Corporation
Part # 20N60C3
Download  20N60C3 Download
File Size   81.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 45A, 600V, UFS Series N-Channel IGBT

20N60C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
20N60C3 Datasheet PDF - Intersil Corporation

Part # 20N60C3
Download  20N60C3 Click to download

File Size   81.67 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 45A, 600V, UFS Series N-Channel IGBT

20N60C3 Datasheet (HTML) - Intersil Corporation


20N60C3 Product details

This family of MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C.

Features
• 45A, 600V, TC = 25°C
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 108ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - 20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
20N60C3 INFINEON-20N60C3 Datasheet
314Kb / 14P
Cool MOS Power Transistor
2003-10-08
More results


Similar Description - 20N60C3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60C3 FAIRCHILD-HGTG20N60C3 Datasheet
144Kb / 8P
45A, 600V, UFS Series N-Channel IGBT
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
60A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
70A, 600V, UFS Series N-Channel IGBT
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
45A, 600V, UFS Series N-Channel IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com