Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N60C3 Datasheet (PDF) - Infineon Technologies AG

20N60C3 Datasheet PDF - Infineon Technologies AG
Part # 20N60C3
Download  20N60C3 Download
File Size   314.6 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Cool MOS Power Transistor

20N60C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
20N60C3 Datasheet PDF - Infineon Technologies AG

Part # 20N60C3
Download  20N60C3 Click to download

File Size   314.6 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Cool MOS Power Transistor

20N60C3 Datasheet (HTML) - Infineon Technologies AG


20N60C3 Product details

Feature
• New revolutionary high voltage technology
• Worldwide best RDS(on) in TO 220
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• High peak current capability
• Improved transconductance
• P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)




Similar Part No. - 20N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
20N60C3 INTERSIL-20N60C3 Datasheet
81Kb / 7P
45A, 600V, UFS Series N-Channel IGBT
January 2000
More results


Similar Description - 20N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
Cool MOS??Power Transistor
2003-07-02
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPP11N60C3 INFINEON-SPP11N60C3_05 Datasheet
662Kb / 15P
Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com