Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

BFS17 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # BFS17
Download  BFS17 Download
File Size   901.41 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Transistors

BFS17 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS17 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # BFS17
Download  BFS17 Click to download

File Size   901.41 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Transistors

BFS17 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


BFS17 Product details

■ Features
● Collector Current Capability IC=25mA
● Collector Emitter Voltage VCEO=15V




Similar Part No. - BFS17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
149Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
NXP Semiconductors
BFS17 NXP-BFS17 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Motorola, Inc
BFS17 MOTOROLA-BFS17 Datasheet
34Kb / 1P
RF TRANSISTOR
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
More results


Similar Description - BFS17

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com