Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BFS17
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BFS17 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BFS17 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BFS17 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BFS17 (KFS17)
■
Features
●
Collector Current Capability IC=25mA
●
Collector Emitter Voltage VCEO=15V
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
25
Collector - Emitter Voltage
VCEO
15
Emitter - Base Voltage
VEBO
2.5
Collector Current - Continuous
IC
25
Collector Current - Pulse
ICP
50
Collector Power Dissipation
PC
300
mW
Thermal Resistance From Junction to Soldering Point
RθJS
260
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65 to 150
V
℃
mA
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
25
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
15
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
2.5
Collector-base cut-off current
ICBO
VCB= 25 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 2.5V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=25 mA, IB=2.5 mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=25 mA, IB=2.5mA
1.2
VCE= 1V, IC= 2mA
25
90
VCE= 1V, IC= 25mA
25
90
Collector Capacitance
CC
VCB= 10V, IE=ie= 0,f=1MHz
1.5
Emitter Capacitance
Ce
VEB= 0.5V, IC=iC= 0,f=1MHz
2
Feedback Capacitance
Cre
VCE= 5V, IC=1mA,f=1MHz
0.65
Noise Figure
NF
VCE= 5V, IC= 2mA,RS=50Ω, f=500MHz
4.5
dB
VCE= 5V, IC= 2mA, f=500MHz
1
VCE= 5V, IC= 25 mA, f=500MHz
1.6
pF
Transition frequency
fT
GHz
V
V
nA
DC current gain
hFE
■
Marking
Marking
E1*


Similar Part No. - BFS17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
149Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
NXP Semiconductors
BFS17 NXP-BFS17 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Motorola, Inc
BFS17 MOTOROLA-BFS17 Datasheet
34Kb / 1P
RF TRANSISTOR
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Similar Description - BFS17

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com