Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGTP3N60B3D Datasheet (PDF) - Intersil Corporation

HGTP3N60B3D Datasheet PDF - Intersil Corporation
Part # HGTP3N60B3D
Download  HGTP3N60B3D Download
File Size   154.31 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTP3N60B3D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP3N60B3D Datasheet PDF - Intersil Corporation

Part # HGTP3N60B3D
Download  HGTP3N60B3D Click to download

File Size   154.31 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTP3N60B3D Datasheet (HTML) - Intersil Corporation


HGTP3N60B3D Product details

The HGTP3N60B3D and HGT1S3N60B3DS are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower onstate voltage drop varies only moderately between 25oC and 150oC. The diode used in anti-parallel with the IGBT is the RHRD460. The IGBT used is TA49192.

Features
• 7A, 600V TC = 25°C
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . 115ns at TJ = 125°C
• Short Circuit Rating
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode
• Related Literature
• TB334 “Guidelines for Soldering Surface Mount
    - Components to PC Boards




Similar Part No. - HGTP3N60B3D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP3N60B3 INTERSIL-HGTP3N60B3 Datasheet
141Kb / 7P
7A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Similar Description - HGTP3N60B3D

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com