Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGTP3N60B3D Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGTP3N60B3D
Description  7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP3N60B3D Datasheet(HTML) 2 Page - Intersil Corporation

  HGTP3N60B3D Datasheet HTML 1Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 2Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 3Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 4Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 5Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 6Page - Intersil Corporation HGTP3N60B3D Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HGTP3N60B3D,
HGT1S3N60B3DS
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
600
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
7.0
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
C110
3.5
A
Average Diode Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IEC(AVG)
4.0
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
20
A
Gate to Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SSOA
18A at 600V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .P
D
33.3
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.27
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ, TSTG
-55 to 150
oC
Maximum Lead Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Tech Brief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
300
260
oC
oC
Short Circuit Withstand Time (Note 2) at VGE = 12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tSC
5
µs
Short Circuit Withstand Time (Note 2) at VGE = 10V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tSC
10
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. VCE(PK) = 360V, TJ = 125
oC, R
G = 82Ω.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = BVCES
TC = 25
oC
-
-
250
µA
TC = 150
oC
-
-
2.0
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = IC110,
VGE = 15V
TC = 25
oC
-
1.8
2.1
V
TC = 150
oC
-
2.1
2.5
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 250µA, VCE = VGE
4.5
5.4
6.0
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G = 82Ω, VGE = 15V
L = 500
µH, VCE = 600V
18
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC = IC110, VCE = 0.5 BVCES
-
7.9
-
V
On-State Gate Charge
Qg(ON)
IC = IC110,
VCE = 0.5 BVCES
VGE = 15V
-
18
22
nC
VGE = 20V
-
21
25
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 25
oC
ICE = IC110
VCE = 0.8 BVCES
VGE = 15V
RG = 82Ω
L = 1mH
Test Circuit (Figure 19)
-18
-
ns
Current Rise Time
trI
-16
-
ns
Current Turn-Off Delay Time
td(OFF)I
-
105
-
ns
Current Fall Time
tfI
-70
-
ns
Turn-On Energy
EON
-66
75
µJ
Turn-Off Energy (Note 1)
EOFF
-
88
160
µJ
HGTP3N60B3D, HGT1S3N60B3DS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com