Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-201 Datasheet (PDF) - Intersil Corporation

HI-201 Datasheet PDF - Intersil Corporation
Part # HI-201
Download  HI-201 Download
File Size   383.18 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/Quad SPST, CMOS Analog Switches

HI-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-201 Datasheet PDF - Intersil Corporation

Part # HI-201
Download  HI-201 Click to download

File Size   383.18 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual/Quad SPST, CMOS Analog Switches

HI-201 Datasheet (HTML) - Intersil Corporation


HI-201 Product details

HI-200/HI-201 (dual/quad) are monolithic devices comprising independently selectable SPST switches which feature fast switching speeds (HI-200 240ns, and HI-201 185ns) combined with low power dissipation (15mW at 25°C). Each switch provides low “ON” resistance operation for input signal voltage up to the supply rails and for signal current up to 80mA. Rugged DI construction eliminates latch-up and substrate SCR failure modes.

Features
• Pb-Free Available (RoHS Compliant)
• Analog Voltage Range . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Analog Current Range . . . . . . . . . . . . . . . . . . . . . . . 80mA
• Turn-On Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240ns
• Low rON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55Ω
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . . .15mW
• TTL/CMOS Compatible

Applications
• High Frequency Analog Switching
• Sample and Hold Circuits
• Digital Filters
• Operational Amplifier Gain Switching Networks




Similar Part No. - HI-201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Intersil Corporation
HI-201 INTERSIL-HI-201 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
logo
BlockMaster Electronics...
HI-201 BLOCKMASTER-ELECTRONICS-HI-201 Datasheet
191Kb / 1P
Closed Barrier type terminal block
logo
Renesas Technology Corp
HI-201-883 RENESAS-HI-201-883 Datasheet
558Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results


Similar Description - HI-201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
Dual/Quad SPST, CMOS Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com