Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5767 Datasheet (PDF) - Intersil Corporation

HI5767 Datasheet PDF - Intersil Corporation
Part # HI5767
Download  HI5767 Download
File Size   133.9 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference

HI5767 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5767 Datasheet PDF - Intersil Corporation

Part # HI5767
Download  HI5767 Click to download

File Size   133.9 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference

HI5767 Datasheet (HTML) - Intersil Corporation


HI5767 Product details

The HI5767 is a monolithic, 10-bit, analog-to-digital converter fabricated in a CMOS process. It is designed for high speed applications where wide bandwidth and low power consumption are essential. Its high sample clock rate is made possible by a fully differential pipelined architecture with both an internal sample and hold and internal band-gap voltage reference.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . 20/40/60MSPS
• 8.8 Bits at fIN = 10MHz, fS = 40MSPS
• Low Power at 40MSPS . . . . . . . . . . . . . . . . . . . . .310mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On-Chip Sample and Hold
• Internal 2.5V Band-Gap Voltage Reference
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .+5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . . 3.0V/5.0V
• Offset Binary or Two’s Complement Output Format
• Pb-Free Available (RoHS Compliant)

Applications
• Digital Communication Systems
• QAM Demodulators
• Professional Video Digitizing
• Medical Imaging
• High Speed Data Acquisition




Similar Part No. - HI5767

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5767/2CA INTERSIL-HI5767/2CA Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
logo
Renesas Technology Corp
HI5767/2CA RENESAS-HI5767/2CA Datasheet
719Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5767/2CAZ INTERSIL-HI5767/2CAZ Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
More results


Similar Description - HI5767

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
June 2000
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
June 2000
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
January 22, 2010
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
Dual 10-Bit 20/40 MSPS A/D Converter
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
Single 10-Bit 20/40 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com