Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5740 Datasheet (PDF) - Intersil Corporation

ISL5740 Datasheet PDF - Intersil Corporation
Part # ISL5740
Download  ISL5740 Download
File Size   97.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference

ISL5740 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5740 Datasheet PDF - Intersil Corporation

Part # ISL5740
Download  ISL5740 Click to download

File Size   97.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference

ISL5740 Datasheet (HTML) - Intersil Corporation


ISL5740 Product details

3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference

The ISL5740 is a monolithic, dual 10-bit analog-to-digital converter fabricated in an advanced CMOS process. It is designed for high speed applications where integration, bandwidth and accuracy are essential. The ISL5740 features a 9-stage pipeline architecture. The fully pipelined architecture and an innovative input stage enable the ISL5740 to accept a variety of input configurations, singleended or fully differential. Only one external clock is necessary to drive both converters and an internal band-gap voltage reference is provided. This allows the system designer to realize an increased level of system integration resulting in decreased cost and power dissipation.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . .20/40/60MSPS
• 9.1 Bits at fIN = 10MHz
• Low Power at 60MSPS. . . . . . . . . . . . . . . . . . . . . .280mW
• Power Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 6mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 400MHz
• SFDR at fIN = 10MHz. . . . . . . . . . . . . . . . . . . . . . . . .70dB
• Excellent Channel-to-Channel Isolation . . . . . . . . . . .75dB
• On-Chip Sample and Hold Amplifiers
• Internal Bandgap Voltage Reference . . . . . . . . . . . . 1.25V
• Single Supply Voltage Operation . . . . . . . . . .+2.7V - 3.6V
• TTL/CMOS(3V) Digital Inputs CMOS Digital Outputs
• Offset Binary or Two’s Complement Digital Data Output Format
• Dual 10-Bit A/D Converters on a Monolithic Chip
• Pin Compatible Upgrade to AD9288




Similar Part No. - ISL5740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5727 INTERSIL-ISL5727 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL5727EVAL1 INTERSIL-ISL5727EVAL1 Datasheet
672Kb / 13P
Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5727IN INTERSIL-ISL5727IN Datasheet
672Kb / 13P
Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
More results


Similar Description - ISL5740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
02 1999
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
June 2000
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
January 22, 2010
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com