Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1030 Datasheet (PDF) - Intersil Corporation

HIP1030 Datasheet PDF - Intersil Corporation
Part # HIP1030
Download  HIP1030 Download
File Size   36.58 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A High Side Driver with Overload Protection

HIP1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1030 Datasheet PDF - Intersil Corporation

Part # HIP1030
Download  HIP1030 Click to download

File Size   36.58 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A High Side Driver with Overload Protection

HIP1030 Datasheet (HTML) - Intersil Corporation


HIP1030 Product details

Description
The HIP1030 is a High Side Driver Power Integrated Circuit designed to switch power supply voltage to an output load. It is the equivalent of a PNP pass transistor operated as a protected high side current switch in the saturated ON state with low forward voltage drop at the maximum rated current. The HIP1030 has low output leakage and low idle current in the OFF state.

Features
• Over Operating Temperature Range . . -40oC to 125oC
    - Max VSAT at 1A . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V
    - Current Switching Capability . . . . . . . . . . . . . . . . .1A
    - Power Supply Range . . . . . . . . . . . . . . . . 4.5V to 25V
• Over-Voltage Shutdown Protected
• Over-Current Limiting
• Thermal Limiting Protection
• Negative Output Voltage Clamp
• CMOS/TTL Logic Level Control Input
• Load Dump . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60VPEAK
• Reverse Battery Protection to -16V

Applications
• Motor Driver/Controller
• Driver for Solenoids, Relays and Lamps
• MOSFET and IGBT Driver
• Driver for Temperature Controller




Similar Part No. - HIP1030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030AS INTERSIL-HIP1030AS Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
More results


Similar Description - HIP1030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1031 INTERSIL-HIP1031 Datasheet
29Kb / 4P
Half Amp High Side Driver with Overload Protection
December 1997
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
logo
AMI SEMICONDUCTOR
AMIS-39100 AMI-AMIS-39100 Datasheet
491Kb / 16P
Octal High Side Driver with Protection
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
Octal High-Side Driver with Protection
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
ON Semiconductor
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
Octal High Side Driver with Protection
December, 2008 ??Rev. 2
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF Datasheet
758Kb / 1P
Driver Side Protection
logo
ON Semiconductor
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF_12 Datasheet
205Kb / 1P
Driver Side Protection
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com