Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1031 Datasheet (PDF) - Intersil Corporation

HIP1031 Datasheet PDF - Intersil Corporation
Part # HIP1031
Download  HIP1031 Download
File Size   29.49 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Amp High Side Driver with Overload Protection

HIP1031 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1031 Datasheet PDF - Intersil Corporation

Part # HIP1031
Download  HIP1031 Click to download

File Size   29.49 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Half Amp High Side Driver with Overload Protection

HIP1031 Datasheet (HTML) - Intersil Corporation


HIP1031 Product details

Description
The HIP1031 is a High Side Driver Power Integrated Circuit designed to switch power supply voltage to an output load. It is the equivalent of a PNP pass transistor operated as a protected high side current switch in the saturated ON state with low forward voltage drop at the maximum rated current. It has low output leakage and low idle current in the OFF state.

Features
• Over Operating Range. . . . . . . . . . . . . . -40°C to 125C°C
    - VSAT at 0.6A . . . . . . . . . . . . . . . . . . . . . . . . . 1.0V Max
    - Power Supply Range . . . . . . . . . . . . . . . . 4.5V to 25V
• Over-Voltage Shutdown Protected
• Negative Output Voltage Clamp
• Over-Current Limiting
• Thermal Limiting Protection
• Load Dump . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60VPEAK
• Reverse Battery Protection. . . . . . . . . . . . . . . . .To -16V
• CMOS/TTL Logic Level Control Input

Applications
• Motor Driver/Controller
• Driver for Solenoids, Relays & Lamps
• MOSFET and IGBT Driver
• Driver for Temperature Controller




Similar Part No. - HIP1031

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030 INTERSIL-HIP1030 Datasheet
36Kb / 5P
1A High Side Driver with Overload Protection
December 1997
HIP1030AS INTERSIL-HIP1030AS Datasheet
36Kb / 5P
1A High Side Driver with Overload Protection
December 1997
HIP1030AS INTERSIL-HIP1030AS Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
More results


Similar Description - HIP1031

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030 INTERSIL-HIP1030 Datasheet
36Kb / 5P
1A High Side Driver with Overload Protection
December 1997
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
logo
AMI SEMICONDUCTOR
AMIS-39100 AMI-AMIS-39100 Datasheet
491Kb / 16P
Octal High Side Driver with Protection
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
Octal High-Side Driver with Protection
logo
Analog Devices
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
logo
ON Semiconductor
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
Octal High Side Driver with Protection
December, 2008 ??Rev. 2
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Analog Devices
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com