Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5016 Datasheet (PDF) - Intersil Corporation

HIP5016 Datasheet PDF - Intersil Corporation
Part # HIP5016
Download  HIP5016 Download
File Size   38.29 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7V, 7A SynchroFET??Complementary Drive Synchronous Half-Bridge

HIP5016 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5016 Datasheet PDF - Intersil Corporation

Part # HIP5016
Download  HIP5016 Click to download

File Size   38.29 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7V, 7A SynchroFET??Complementary Drive Synchronous Half-Bridge

HIP5016 Datasheet (HTML) - Intersil Corporation


HIP5016 Product details

7V, 7A SynchroFET™ Complementary Drive Synchronous Half-Bridge

Designed with the Pentium® in mind, the Intersil SynchroFET family provides a new approach for implementing a synchronous rectified buck switching regulator. The SynchroFET™ replaces two power DMOSs, a Schottky diode, two gate drivers and synchronous control circuitry.

Features
• Complementary Drive, Half-Bridge Power NMOS
• Use With Low-Cost Single-Output PWM Controllers
• Improve Efficiency Over Conventional Buck Converter with Schottky Clamp
• Minimum Deadtime Provided by Adaptive Shoot-Through Protection Eliminates External Schottky
• Grounded Case for Low EMI and Simple Heatsinking
• Low Operating Current
• Frequency Exceeding 1MHz
• Dual Polarity Input Options
• All Pins Surge Protected

Applications
• 5V to ≤3.3V Synchronous Buck Converters
• 3.3V to ≤2.9V Synchronous Buck Converters
• Pentium Power Supplies
• Bus Terminations (BTL and GTL)
• Drive 5V Motors Directly from Microprocessor




Similar Part No. - HIP5016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010 RENESAS-HIP5010 Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS INTERSIL-HIP5010IS Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
logo
Renesas Technology Corp
HIP5010IS RENESAS-HIP5010IS Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
logo
Intersil Corporation
HIP5010IS1 INTERSIL-HIP5010IS1 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
More results


Similar Description - HIP5016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
Complementary PowerTrench Half-Bridge MOSFET
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
Complementary MOSFET Half Bridge
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
Half-Bridge Gate Drive IC
logo
Renesas Technology Corp
HIP5010 RENESAS-HIP5010 Datasheet
440Kb / 7P
7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge
March 1996
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com