Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6012 Datasheet (PDF) - Intersil Corporation

HIP6012 Datasheet PDF - Intersil Corporation
Part # HIP6012
Download  HIP6012 Download
File Size   106.47 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

HIP6012 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6012 Datasheet PDF - Intersil Corporation

Part # HIP6012
Download  HIP6012 Click to download

File Size   106.47 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

HIP6012 Datasheet (HTML) - Intersil Corporation


HIP6012 Product details

Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

The HIP6012 provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive two N-Channel MOSFETs in a synchronous-rectified buck topology. The HIP6012 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives Two N-Channel MOSFETs
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - 1.27V Internal Reference
    - ±1.5% Over Line Voltage and Temperature
• Overcurrent Fault Monitor
    - Does Not Require Extra Current Sensing Element
    - Uses MOSFETs rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator Programmable from 50kHz to Over 1MHz
• 14 Pin, SOIC and TSSOP Packages
• Pb-Free Available (RoHS Compliant)

Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
HIP6012 INTERSIL-HIP6012 Datasheet
360Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6012 RENESAS-HIP6012 Datasheet
655Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
HIP6012CB INTERSIL-HIP6012CB Datasheet
360Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
More results


Similar Description - HIP6012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 4, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com