Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6522A Datasheet (PDF) - Intersil Corporation

ISL6522A Datasheet PDF - Intersil Corporation
Part # ISL6522A
Download  ISL6522A Download
File Size   441.93 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller

ISL6522A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6522A Datasheet PDF - Intersil Corporation

Part # ISL6522A
Download  ISL6522A Click to download

File Size   441.93 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller

ISL6522A Datasheet (HTML) - Intersil Corporation


ISL6522A Product details

The ISL6522A provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive two N-Channel MOSFETs in a synchronous rectified buck topology. The ISL6522A integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives two N-Channel MOSFETs
• Operates from +5V or +12V input
• Simple single-loop control design
    - Voltage-mode PWM control
• Fast transient response
    - High-bandwidth error amplifier
    - Full 0-100% duty ratio
• Excellent output voltage regulation
    - 0.8V internal reference
    - ±0.5% over line voltage and temperature
• Overcurrent fault monitor
    - Does not require extra current sensing element
    - Uses MOSFETs rDS(ON)
• Converter can source and sink current
• Small converter size
    - Constant frequency operation
    - 200kHz free-running oscillator programmable from 50kHz to over 1MHz
• 14 Ld SOIC and 16 Lead 5x5mm QFN Packages
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat No Leads-Product Outline.
    - Near Chip-Scale Package Footprint; Improves PCB Efficiency and Thinner in Profile
• Pb-Free Available (RoHS Compliant)

Applications
• Power supply for Pentium®, Pentium Pro, PowerPC® and AlphaPC™ microprocessors
• High-power 5V to 3.xV DC-DC regulators
• Low-voltage distributed power supplies




Similar Part No. - ISL6522A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522ACB RENESAS-ISL6522ACB Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522ACBZ RENESAS-ISL6522ACBZ Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522ACR RENESAS-ISL6522ACR Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522ACRZ RENESAS-ISL6522ACRZ Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Similar Description - ISL6522A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
June 1997
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 4, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com