Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6201 Datasheet (PDF) - Intersil Corporation

HIP6201 Datasheet PDF - Intersil Corporation
Part # HIP6201
Download  HIP6201 Download
File Size   87.3 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Transient Voltage Regulator DeCAPitator?

HIP6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6201 Datasheet PDF - Intersil Corporation

Part # HIP6201
Download  HIP6201 Click to download

File Size   87.3 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Transient Voltage Regulator DeCAPitator?

HIP6201 Datasheet (HTML) - Intersil Corporation


HIP6201 Product details

The Intersil DeCAPitator helps to stabilize a power system voltage during severe transients. It accomplishes this by supplying current when the voltage is more than 1% low or sinking current when the voltage is higher than 1.5% from the average load voltage. The fast transient response of the DeCAPitator can make up for the slow response time of many switching DC-DC converters.



Features

• Saves Power System Size and Cost

- Replaces Expensive Bulk Capacitors

- Small 8 Lead SOIC Package

• Linear Regulator Response

- Greater than 5MHz Bandwidth

• Very Low Static Power Dissipation

- Shutdown Current. . . . . . . . . . . . . . . . . . . . . . . . . < 5µA

- Power Dissipated Only During Load Transients

• Over Temperature Shutdown/Signal

• Simplifies Power Supply Layout

- Allows for Remotely Located CPU DC-DC Converter



Applications

• Notebook Computers

• Pentium®, Pentium Pro, and Pentium II Power Supplies




Similar Part No. - HIP6201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6201CB RENESAS-HIP6201CB Datasheet
556Kb / 9P
Transient Voltage Regulator DeCAPitator
February 5, 2015
More results


Similar Description - HIP6201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
Constant Voltage Regulator Transient Suppressors
logo
Texas Instruments
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
Transient Voltage Regulator DeCAPitator
February 5, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com