Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6201 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6201
Description  Transient Voltage Regulator DeCAPitator?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6201 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6201 Datasheet HTML 1Page - Intersil Corporation HIP6201 Datasheet HTML 2Page - Intersil Corporation HIP6201 Datasheet HTML 3Page - Intersil Corporation HIP6201 Datasheet HTML 4Page - Intersil Corporation HIP6201 Datasheet HTML 5Page - Intersil Corporation HIP6201 Datasheet HTML 6Page - Intersil Corporation HIP6201 Datasheet HTML 7Page - Intersil Corporation HIP6201 Datasheet HTML 8Page - Intersil Corporation HIP6201 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2-443
Functional Pin Description
PVCC (Pin 1)
PVCC is the power source for the npn transistor output
device. PVCC is connected internally to VCC through a
resistor. Bulk capacitance should be placed between this pin
and PGND to minimize voltage deviations.
PGND (Pin 2)
PGND is power ground for the N-Channel MOSFET output
device. Tie this pin to the ground plane of the circuit board.
GND (Pin 3)
GND is signal ground for the IC. Tie this pin to the ground
plane of the circuit board.
VCC (Pin 4)
VCC provides bias power to the chip. It should be tied to
system 5V. Provide local decoupling to this pin.
CAP (Pin 5)
Connect a capacitor to GND to set the internal amplifiers’
on-time response to a rapid voltage change at the SNS pin.
SNS (Pin 6)
SNS is the remote sense of the output voltage to be
regulated. If the output voltage increases rapidly by greater
than 1.5%, the lower amplifier responds by turning on the N-
Channel MOSFET to sink current through the OUT pin to
PGND. If the output voltage decreases rapidly by greater
than 1%, the upper amplifier responds by turning on the npn
transistor to source current from PVCC to OUT.
OUT (Pin 7)
This pin is the output pin of the IC. Tie this pin directly to the
voltage to be regulated.
EN/OT or EN (Pin 8)
This pin is the only differentiation between the HIP6200 and
the HIP6201.
On the HIP6200, this pin is multiplexed. It is chip enable and
also an overtemperature indicator. When this pin is low, the
chip is disabled. If an overtemperature occurs, this pin will be
pulled low internally. Tie EN/OT to a pull-up resistor and
drive with an open collector signal.
On the HIP6201, this pin is chip enable only. Pulling it low
disables the IC. EN should be driven with a logic signal.
HIP6200, HIP6201



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com