Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6503 Datasheet (PDF) - Intersil Corporation

HIP6503 Datasheet PDF - Intersil Corporation
Part # HIP6503
Download  HIP6503 Download
File Size   151.37 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6503 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6503 Datasheet PDF - Intersil Corporation

Part # HIP6503
Download  HIP6503 Click to download

File Size   151.37 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiple Linear Power Controller with ACPI Control Interface

HIP6503 Datasheet (HTML) - Intersil Corporation


HIP6503 Product details

The HIP6503 complements either an HIP6020 or an HIP6021 in ACPI-compliant designs for microprocessor and computer applications. The IC integrates four linear controllers/regulators, switching, monitoring and control functions into a 20 pin SOIC package.

Features
• Provides 5 ACPI-Controlled Voltages
    - 5VDUAL USB/Keyboard/Mouse
    - 3.3VDUAL/3.3VSB PCI/Auxiliary/LAN
    - 2.5VMEM RDRAM or 3.3VMEM SDRAM
    - 2.5VCLK Clock/Processor Terminations
    - 1.8VSB ICH2 Resume Well
• Excellent Output Voltage Regulation
    - All Outputs: ±2.0% Over Temperature (as applicable)
• Small Size; Very Low External Component Count
• RDRAM/SDRAM/DDRAM Memory Support
• Undervoltage Monitoring of All Outputs with Centralized FAULT Reporting and Temperature Shutdown
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• ACPI-Compliant Power Regulation for Motherboards




Similar Part No. - HIP6503

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6503 INTERSIL-HIP6503 Datasheet
373Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 21, 2005
logo
Renesas Technology Corp
HIP6503 RENESAS-HIP6503 Datasheet
683Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CB INTERSIL-HIP6503CB Datasheet
373Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 21, 2005
logo
Renesas Technology Corp
HIP6503CB RENESAS-HIP6503CB Datasheet
683Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CBZ INTERSIL-HIP6503CBZ Datasheet
373Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 21, 2005
More results


Similar Description - HIP6503

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com