Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP7010B Datasheet (PDF) - Intersil Corporation

HIP7010B Datasheet PDF - Intersil Corporation
Part # HIP7010B
Download  HIP7010B Download
File Size   106.41 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description J1850 Byte Level Interface Circuit

HIP7010B Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP7010B Datasheet PDF - Intersil Corporation

Part # HIP7010B
Download  HIP7010B Click to download

File Size   106.41 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description J1850 Byte Level Interface Circuit

HIP7010B Datasheet (HTML) - Intersil Corporation


HIP7010B Product details

Description
The Intersil HIP7010, J1850 Byte Level Interface Circuit, is a member of the Intersil family of low-cost multiplexed wiring ICs. The integrated functions of the HIP7010 provide the system designer with components key to building a “Class B” multiplexed communications network interface, which fully conforms to the VPW Multiplexed Wiring protocol specified in the SAE J1850 Standard.

Features
• Fully Supports VPW (Variable Pulse Width) Messaging Practices of SAE J1850 Standard for Class B Data Communications Network Interface - 3-Wire, High-Speed, Synchronous, Serial Interface
• Reduces Wiring Overhead
• Directly Interfaces with 68HC05 and 68HC11 Style SPI Ports
• 1MHz, 8-Bit Transfers Between Host and HIP7010 Minimize Host Service Requirements
• Automatically Transmits Properly Framed Messages
• Prepends SOF to First Byte and Appends CRC to Last Byte
• Fail-Safe Design Including, Slow Clock Detection Circuitry, Prevents J1850 Bus Lockup Due to System Errors or Loss of Input Clock
• Automatic Collision Detection
• End of Data (EOD), Break, Idle Bus, and Invalid Symbol (Noise/Illegal Symbols) Detection
• Supports In-Frame Responses with Generation of Normalization Bits (NB) for Type 1, Type 2, and Type 3 Messages
• Wait-For-Idle Mode Reduces Host Overhead During Non-Applicable Messages
• Status Register Flags Provide Information on Current Status of J1850 Bus
• Serial I/O Pins are Active Only During Transfers - Bus Available for Other Devices 95% of the Time
• TEST Pin Provides Built-in-Test Capabilities for In-System Diagnostics and Factory Testing
• High Speed (4X) Receive Mode for Production and Diagnostic Testing/Programming
• Operates with Wide Range of Input Clock Frequencies
• Power-Saving Power-Down Mode
• Full -40oC to +125oC Operating Range
• Single 3.0V to 6.0V Supply




Similar Part No. - HIP7010B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7020 INTERSIL-HIP7020 Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7020AB INTERSIL-HIP7020AB Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7020AP INTERSIL-HIP7020AP Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
More results


Similar Description - HIP7010B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2601 NSC-LM2601 Datasheet
130Kb / 6P
Adapter Interface Circuit
logo
Intersil Corporation
HIP7030A2 INTERSIL-HIP7030A2 Datasheet
263Kb / 56P
J1850 8-Bit 68HC05 Microcontroller
1996 08
logo
Hitachi Semiconductor
HA16662MP HITACHI-HA16662MP Datasheet
279Kb / 12P
HDD Interface Circuit
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
SAE/J1850/VPW transceiver
2001 Jun 19
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Xilinx, Inc
DS573 XILINX-DS573 Datasheet
765Kb / 20P
PLB interface with byte-enable support
DS581 XILINX-DS581 Datasheet
1Mb / 50P
PLB interface with byte enable support
logo
Exar Corporation
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com