Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP7010B Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 3 Page - Intersil Corporation

  HIP7010B Datasheet HTML 1Page - Intersil Corporation HIP7010B Datasheet HTML 2Page - Intersil Corporation HIP7010B Datasheet HTML 3Page - Intersil Corporation HIP7010B Datasheet HTML 4Page - Intersil Corporation HIP7010B Datasheet HTML 5Page - Intersil Corporation HIP7010B Datasheet HTML 6Page - Intersil Corporation HIP7010B Datasheet HTML 7Page - Intersil Corporation HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7.0V
Input or Output Voltage
Pins with VDD Diode . . . . . . . . . . . . . . . . . . . .-0.3V to VDD +0.3V
Pins without VDD Diode . . . . . . . . . . . . . . . . . . . . -0.3V to +10.0V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2500 Gates
Thermal Resistance
θJA
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . .+100oC/W
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+120oC/W
Maximum Package Power Dissipation at +125oC
DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mW
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW
Operating Temperature Range (TA) . . . . . . . . . . . -40
oC to +125oC
Storage Temperature Range (TSTG). . . . . . . . . . . -65
oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering, 10s). . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +3.0V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . -40oC to +125oC
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +0.8V
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .(0.8VDD) to VDD
Input Rise and Fall Time
CMOS Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns Max
CMOS Schmitt Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . .Unlimited
Electrical Specifications
TA = -40
oC to +125oC, V
DD = 5VDC ±10%, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
Operating Current
IOP
CLK = 2.0 MHz
-
1.0
5.0
mA
Power-Down Mode (Note 1)
IPD
PD = 1
-
50
150
µA
Clock Stopped (Note 2)
ISTOP
CLK = VSS or VDD
-
5.0
50
µA
Input High Voltage
CMOS Level (SIN, STAT, RDY, TEST)
VIH
0.7VDD
-VDD
V
Schmitt Trigger (RESET, CLK, VPWIN)
0.8VDD
-VDD
V
Input Low Voltage
CMOS Level (SIN, STAT, RDY, TEST)
VIL
VSS
-
0.3VDD
V
Schmitt Trigger (RESET, CLK, VPWIN)
VSS
-
0.2VDD
V
High Level Input Current
(CLK, VPWIN, RESET)
IIH
VIN = VDD
-1
0.001
1
µA
Input Buffer with Pull-Down (SIN, TEST, STAT, RDY)
100
200
500
µA
Low Level Input Current
(CLK, VPWIN, RESET)
IIL
VIN = VSS
-1
-0.001
1
µA
Input Buffer with Pull-Down (SIN, TEST, STAT, RDY)
-10
-0.01
10
µA
Output High Voltage
(SCK, SOUT, VPWOUT, IDLE, SACTIVE)
VOH
ILOAD = 0.8 mA
VDD-0.8
-
-
V
Output Low Voltage
(SCK, SOUT, VPWOUT, IDLE, SACTIVE)
VOL
ILOAD = -1.6 mA
-
-
0.4
V
High Impedance Leakage Current
Three-State with Pull-Down (SCK, SOUT)
IOZ
VOUT = VDD
100
200
500
µA
VOUT = VSS
-10
10
µA
Schmitt Trigger Hysteresis Voltage
(RESET, CLK, VPWIN)
VHYS
0.2
0.5
2.0
V
NOTES:
1. SIN, STAT, RDY, and TEST = VSS; SACTIVE, SCK, and SOUT unconnected; VPWIN = VDD; CLK = 10MHz.
2. SIN, STAT, RDY, and TEST = VSS; SACTIVE, SCK, and SOUT unconnected; VPWIN = VDD; PD = 1.
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com