Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2745 Datasheet (PDF) - NEC

UPC2745 Datasheet PDF - NEC
Part # UPC2745
Download  UPC2745 Download
File Size   381.93 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC2745 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2745 Datasheet PDF - NEC

Part # UPC2745
Download  UPC2745 Click to download

File Size   381.93 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC2745 Datasheet (HTML) - NEC


UPC2745 Product details

DESCRIPTION
The UPC2745TB and UPC2746TB are Silicon MMIC Wideband Amplifiers manufactured using NECs 20 GHz fT NESATTM III silicon bipolar process. These devices are designed for use as buffer amps in mobile communication applications such as Cellular, PCS, and Cordless handsets, and WLAN transceivers. The UPC2745/46TB are pin compatible and have comparable performance as the larger UPC2745/46T, so they are suitable for use as a replacement to help reduce system size. These ICs are housed in a 6 pin super minimold or SOT-363 package.

FEATURES
• HIGH DENSITY SURFACE MOUNTING:
6 pin super minimold or SOT-363 package

• LOW SUPPLY VOLTAGE: VCC = 1.8 to 3.3 V

• WIDEBAND RESPONSE:
   UPC2745TB: fu = 2.7 GHz TYP
   UPC2746TB: fu = 1.5 GHz TYP

• HIGH ISOLATION:
   UPC2745TB: ISOL = 38 dB TYP
   UPC2746TB: ISOL = 45 dB TYP




Similar Part No. - UPC2745

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745T CEL-UPC2745T Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2745T-E3 NEC-UPC2745T-E3 Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB Datasheet
80Kb / 8P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Similar Description - UPC2745

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com