Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2745 Datasheet(PDF) 2 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 2 Page - NEC

  UPC2745 Datasheet HTML 1Page - NEC UPC2745 Datasheet HTML 2Page - NEC UPC2745 Datasheet HTML 3Page - NEC UPC2745 Datasheet HTML 4Page - NEC UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
mmPC2745TB, mmPC2746TB
PIN CONNECTIONS
Pin NO.
Pin name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
6
VCC
PRODUCT LINE-UP OF
mmPC2745, mmPC2746 (TA = +25 °°C, VCC = 3.0 V, ZL = Zs = 50 W
W)
PART NO.
fu (GHz)
PO(sat) (dBm)
GP (dB)
NF (dB)
ICC (mA)
PACKAGE
MARKING
mPC2745T
6 pin minimold
mPC2745TB
6 pin super minimold
mPC2746T
6 pin minimold
mPC2746TB
6 pin super minimold
Remarks Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Notice The package size distinguish between minimold and super minimold.
SYSTEM APPLICATION EXAMPLE
Digital Cellular System Block Diagram
SW
PA
PLL
PLL
I
Q
DEMO
I
Q
0˚
90˚
φ
TX
RX
Digital Cellular System Block Diagram
:
PC2745TB, PC2746TB applicable
µ
µ
To know the associated products, please refer to each latest data sheet.
2.7
-1
12
6.0
7.5
1.5
0
19
4.0
7.5
C1Q
C1R
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
Marking is an example of
PC2745TB
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com