Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2745 Datasheet(PDF) 17 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 17 Page - NEC

Back Button UPC2745 Datasheet HTML 12Page - NEC UPC2745 Datasheet HTML 13Page - NEC UPC2745 Datasheet HTML 14Page - NEC UPC2745 Datasheet HTML 15Page - NEC UPC2745 Datasheet HTML 16Page - NEC UPC2745 Datasheet HTML 17Page - NEC UPC2745 Datasheet HTML 18Page - NEC UPC2745 Datasheet HTML 19Page - NEC UPC2745 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
mmPC2745TB, mmPC2746TB
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation). All
the ground pins must be connected together with wide ground pattern to decrease impedance difference.
(3) The bypass capacitor should be attached to VCC line.
(4) The DC cut capacitor must be each attached to input and output pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions.
Other soldering methods and
conditions than the recommended conditions are to be consulted with our sales representatives.
mmPC2745TB, mmPC2746TB
Soldering method
Soldering conditions
Recommended condition symbol
Infrared ray
reflow
Package peak temperature : 235
°C, Hour : within 30 s. (more than 210
°C) Time : 3 times, Limited days : no.*
IR35-00-3
VPS
Package peak temperature : 215
°C, Hour : within 40 s. (more than 200
°C) Time : 3 times, Limited days : no.*
VP15-00-3
Wave soldering
Soldering tub temperature : less than 260
°C, Hour : within 10 s.
Time : 1 times, Limited days : no.*
WS60-00-1
Pin part heating
Pin area temperature : 300
°C, Hour : within 3 s/pin.
Limited days : no.*
* It is the storage days after opening a dry pack, the storage conditions are 25
°C, less than 65 % RH.
Note 1. The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com