Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2745 Datasheet(PDF) 13 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 13 Page - NEC

Back Button UPC2745 Datasheet HTML 9Page - NEC UPC2745 Datasheet HTML 10Page - NEC UPC2745 Datasheet HTML 11Page - NEC UPC2745 Datasheet HTML 12Page - NEC UPC2745 Datasheet HTML 13Page - NEC UPC2745 Datasheet HTML 14Page - NEC UPC2745 Datasheet HTML 15Page - NEC UPC2745 Datasheet HTML 16Page - NEC UPC2745 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
mmPC2745TB, mmPC2746TB
¾ mPC2746TB ¾
¾
10
0
–10
–20
–30
–40
–50
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
10
5
0
–5
–10
–15
0.1
Frequency f (GHz)
SATURATED OUTPUT POWER vs. FREQUENCY
60
50
40
30
20
10
Output Power of Each Tone PO(each) (dBm)
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
–30
–40
–30
–20
–10
0
f = 500 MHz
VCC = 3.3 V
3.0 V
2.7 V
1.8 V
10
0
–10
–20
–30
–40
–50
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–40
–30
–20
–10
0
f = 1.0 GHz
VCC = 3.3 V
3.0 V
2.7 V
1.8 V
10
0
–10
–20
–30
–40
–50
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–40
–30
–20
–10
0
f = 500 MHz
VCC = 3.0 V
TA = +85 ˚C
–40 ˚C
10
0
–10
–20
–30
–40
–50
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–40
–30
–20
–10
+85 ˚C
–40 ˚C
+25 ˚C
+25 ˚C
–40 ˚C
+25 ˚C
+85 ˚C
–40 ˚C
+25 ˚C
TA = +85 ˚C
f = 1.0 GHz
VCC = 3.0 V
0.3
1.0
3.0
VCC = 3.3 V
3.0 V
2.7 V
1.8 V
VCC =
2.7 to 3.3 V
Pin = –6 dBm
VCC = 1.8 V
Pin = –10 dBm
–25
–20
–15
–10
–5
0
f1 = 500 MHz
f2 = 502 MHz
1.8 V
2.7 V
3.0 V
VCC = 3.3 V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com