Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-65262 Datasheet (PDF) - Intersil Corporation

HM-65262 Datasheet PDF - Intersil Corporation
Part # HM-65262
Download  HM-65262 Download
File Size   41.65 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16K x 1 Asynchronous CMOS Static RAM

HM-65262 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-65262 Datasheet PDF - Intersil Corporation

Part # HM-65262
Download  HM-65262 Click to download

File Size   41.65 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16K x 1 Asynchronous CMOS Static RAM

HM-65262 Datasheet (HTML) - Intersil Corporation


HM-65262 Product details

Description

The HM-65262 is a CMOS 16384 x 1-bit Static Random Access Memory manufactured using the Intersil Advanced SAJI V process. The device utilizes asynchronous circuit design for fast cycle times and ease of use. The HM-65262 is available in both JEDEC standard 20 pin, 0.300 inch wide CERDIP and 20 pad CLCC packages, providing high board level packing density. Gated inputs lower standby current, and also eliminate the need for pull-up or pull-down resistors.

The HM-65262, a full CMOS RAM, utilizes an array of six transistor (6T) memory cells for the most stable and lowest possible standby supply current over the full military temperature range. In addition to this, the high stability of the 6T RAM cell provides excellent protection against soft errors due to noise and alpha particles. This stability also improves the radiation tolerance of the RAM over that of four transistor (4T) devices.



Features

• Fast Access Time . . . . . . . . . . . . . . . . . . . 70/85ns Max

• Low Standby Current. . . . . . . . . . . . . . . . . . . .50µA Max

• Low Operating Current . . . . . . . . . . . . . . . . . 50mA Max

• Data Retention at 2.0V. . . . . . . . . . . . . . . . . . .20µA Max

• TTL Compatible Inputs and Outputs

• JEDEC Approved Pinout

• No Clocks or Strobes Required

• Temperature Range . . . . . . . . . . . . . . . +55°C to +125°C

• Equal Cycle and Access Time

• Single 5V Supply

• Gated Inputs-No Pull-Up or Pull-Down Resistors Required



 




Similar Part No. - HM-65262

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
HM-65262/883 INTERSIL-HM-65262/883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
More results


Similar Description - HM-65262

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
16K CMOS STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com