Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2776TB Datasheet (PDF) - NEC

UPC2776TB Datasheet PDF - NEC
Part # UPC2776TB
Download  UPC2776TB Download
File Size   80.47 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER

UPC2776TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2776TB Datasheet PDF - NEC

Part # UPC2776TB
Download  UPC2776TB Click to download

File Size   80.47 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER

UPC2776TB Datasheet (HTML) - NEC


UPC2776TB Product details

DESCRIPTION
The µPC2776TB is a silicon monolithic integrated circuits designed as wideband amplifier. This amplifier has impedance near 50 Ω in HF band, so this IC suits to the system of HF to L band. This IC is packaged in super minimold package which is smaller than conventional minimold.
The µPC2776TB has compatible pin connections and performance to the µPC2776T of conventional minimold version. So, in the case of reducing your system size, the µPC2776TB is suitable to replace from the µPC2776T.
These IC is manufactured using NEC’s 20 GHz fT NESAT™ III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.

FEATURES
• High-density surface mounting: 6-pin super minimold package
• Wideband response : fu = 2.7 GHzTYP. @ 3 dB bandwidth
• Medium output power : Po (1 dB) = +6.5 dBm @ f = 1 GHz with external inductor
• Supply voltage : VCC = 4.5 to 5.5 V
• Power gain : GP = 23 dBTYP. @ f = 1 GHz
• Port impedance : input/output 50 Ω

APPLICATION
• Systems required wideband operation from HF to 2.0 GHz




Similar Part No. - UPC2776TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2776TB CEL-UPC2776TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB CEL-UPC2776TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2776TB NEC-UPC2776TB Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2776TB RENESAS-UPC2776TB Datasheet
315Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC2776TB-E3 NEC-UPC2776TB-E3 Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Similar Description - UPC2776TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com