Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-117 Datasheet (PDF) - Intersil Corporation

HS-117 Datasheet PDF - Intersil Corporation
Part # HS-117
Download  HS-117 Download
File Size   31.68 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Adjustable Positive Voltage Regulator

HS-117 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-117 Datasheet PDF - Intersil Corporation

Part # HS-117
Download  HS-117 Click to download

File Size   31.68 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Adjustable Positive Voltage Regulator

HS-117 Datasheet (HTML) - Intersil Corporation


HS-117 Product details

The Radiation Hardened HS-117RH is an adjustable positive voltage linear regulator capable of operating with input voltages up to 40VDC. The output voltage is adjustable from 1.2V to 37V with two external resistors. The device is capable of sourcing from 5mA to 1.25APEAK (0.5 APEAK for the TO-39 package). Protection is provided by the on-chip thermal shutdown and output current limiting circuitry.

Features
• Electrically Screened to DSSC SMD # 5962-99547
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
    - 300 krad (Si) (Max)
    - Latch-up Immune
• Superior Temperature Stability
• Overcurrent and Overtemperature Protection

Applications
• Adjustable Linear Voltage Regulators
• Adjustable Linear Current Regulators




Similar Part No. - HS-117

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-117EH RENESAS-HS-117EH Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
HS-117EH RENESAS-HS-117EH Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
HS-117RH RENESAS-HS-117RH Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
More results


Similar Description - HS-117

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
June 2004
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
ISL75052SEH RENESAS-ISL75052SEH Datasheet
1Mb / 21P
1.5A, Radiation Hardened, Positive, High Voltage LDO
Feb 9, 2023
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com