Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-22620RH Datasheet (PDF) - Intersil Corporation

HS-22620RH Datasheet PDF - Intersil Corporation
Part # HS-22620RH
Download  HS-22620RH Download
File Size   45.17 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier

HS-22620RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-22620RH Datasheet PDF - Intersil Corporation

Part # HS-22620RH
Download  HS-22620RH Click to download

File Size   45.17 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier

HS-22620RH Datasheet (HTML) - Intersil Corporation


HS-22620RH Product details

The HS-22620RH is a radiation hardened, dual bipolar operational amplifier that features very high input impedance coupled with wideband AC performance. The high resistance of the input stage is complemented by low offset voltage (6mV Max at 25oC) and low bias current (50nA Max at 25oC) to facilitate accurate signal processing.

Features
• Electrically Screened to SMD # 5962-97512
• QML Qualified per MIL-PRF-38535 Requirements
• High Input Impedance . . . . . . . . . . . . . . . . . . 65MΩ (Min)
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 80kV/V (Min)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 20V/µs (Min)
• Low Input Bias Current. . . . . . . . . . . . . . . . . . 50nA (Max)
• Low Input Offset Voltage . . . . . . . . . . . . . . . . . 6mV (Max)
• Wide Gain Bandwidth Product (AV ≥ 10) . . . . .100MHz (Typ)
• Output Short Circuit Protection
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . .3 x 105 RAD(Si)

Applications
• Video and RF Amplifiers
• Pulse Amplifiers
• High-Q Active Filters
• High Speed Comparators




Similar Part No. - HS-22620RH

ManufacturerPart #DatasheetDescription
logo
C&K Components
HS-2206-A1NS CK-COMPONENTS-HS-2206-A1NS Datasheet
221Kb / 2P
Hook Switches
10 Mar 22
HS-2206-DNS CK-COMPONENTS-HS-2206-DNS Datasheet
221Kb / 2P
Hook Switches
10 Mar 22
HS-2206-ENS CK-COMPONENTS-HS-2206-ENS Datasheet
221Kb / 2P
Hook Switches
10 Mar 22
logo
PIC GmbH
HS-2210M-01-0300 PIC-HS-2210M-01-0300 Datasheet
128Kb / 1P
Various switching sensivity
HS-2210M-02-0300 PIC-HS-2210M-02-0300 Datasheet
154Kb / 3P
Various switching sensivity
More results


Similar Description - HS-22620RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
August 1999
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
January 16, 2006
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com