Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-2510RH Datasheet (PDF) - Intersil Corporation

HS-2510RH Datasheet PDF - Intersil Corporation
Part # HS-2510RH
Download  HS-2510RH Download
File Size   86.21 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened High Slew Rate Operational Amplifier

HS-2510RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-2510RH Datasheet PDF - Intersil Corporation

Part # HS-2510RH
Download  HS-2510RH Click to download

File Size   86.21 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened High Slew Rate Operational Amplifier

HS-2510RH Datasheet (HTML) - Intersil Corporation


HS-2510RH Product details

The HS-2510RH is a radiation hardened high performance operational amplifier which set the standard for maximum slew rate and wide bandwidth operation in moderately powered, internally compensated, monolithic devices. In addition to excellent dynamic characteristics, this dielectrically isolated amplifier also offers low offset current and high input impedance.

Features
• Electrically Screened to SMD # 5962-95686
• QML Qualified per MIL-PRF-38535 Requirements
• High Slew Rate. . . . . . . . . . . . 50V/µs (Min), 65V/µs (Typ)
• Wide Power Bandwidth . . . . . . . . . . . . . . . . 750kHz (Min)
• Low Offset Current . . . . . . . . . . . . 25nA (Min), 10nA (Typ)
• High Input Impedance . . . . . . . 50MΩ (Min), 100MΩ (Typ)
• Wide Small Signal Bandwidth . . . . . . . . . . . .12MHz (Typ)
• Fast Settling Time (0.1% of 10V Step) . . . . . . 250ns (Typ)
• Low Quiescent Supply Current. . . . . . . . . . . . . 6mA (Max)
• Internally Compensated For Unity Gain Stability
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . . 10kRAD(Si)

Applications
• Data Acquisition Systems
• RF Amplifiers
• Video Amplifiers
• Signal Generators
• Pulse Amplification




Similar Part No. - HS-2510RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
August 1999
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
July 2001
More results


Similar Description - HS-2510RH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
August 1999
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
July 2001
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com