Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-2600RH Datasheet (PDF) - Intersil Corporation

HS-2600RH Datasheet PDF - Intersil Corporation
Part # HS-2600RH
Download  HS-2600RH Download
File Size   87.72 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Wideband, High Impedance Operational Amplifier

HS-2600RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-2600RH Datasheet PDF - Intersil Corporation

Part # HS-2600RH
Download  HS-2600RH Click to download

File Size   87.72 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Wideband, High Impedance Operational Amplifier

HS-2600RH Datasheet (HTML) - Intersil Corporation


HS-2600RH Product details

HS-2600RH is a radiation hardened internally compensated bipolar operational amplifier that features very high input impedance coupled with wideband AC performance. The high resistance of the input stage is complemented by low offset voltage (4mVmax at 25°C for HS-2600RH) and low bias and offset current (10nA max at 25°C for HS-2600RH) to facilitate accurate signal processing. Offset voltage can be reduced further by means of an external nulling potentiometer.

Features
• Electrically Screened to SMD # 5962-95671
• QML Qualified per MIL-PRF-38535 Requirements
• High Input Impedance . . . . . . . . . . . . . . . . . 100MΩ (Min) 500MΩ (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . 3V/µs (Min) 7V/µs (Typ)
• Low Input Bias Current. . . . . . . . . . . . . . . . . . 10nA (Max) 1nA (Typ)
• Low Input Offset Current (HS-2600RH) . . . . . . 4mV (Max)
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . .12MHz (Typ)
• Output Short Circuit Protection
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . . 10kRAD(Si)

Applications
• Video Amplifier
• Pulse Amplifier
• High-Q Active Filters
• High Speed Comparators
• Low Distortion Oscillators




Similar Part No. - HS-2600RH

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2600 NEL-HS-2600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
More results


Similar Description - HS-2600RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
Radiation Hardened High Slew Rate Operational Amplifier
August 1999
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
August 1999
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
August 1999
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 08
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
July 2001
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com