Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2797 Datasheet (PDF) - NEC

UPC2797 Datasheet PDF - NEC
Part # UPC2797
Download  UPC2797 Download
File Size   143.83 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER

UPC2797 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2797 Datasheet PDF - NEC

Part # UPC2797
Download  UPC2797 Click to download

File Size   143.83 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER

UPC2797 Datasheet (HTML) - NEC


UPC2797 Product details

DESCRIPTION
The µPC2797GR is a Silicon monolithic IC designed for TV/VCR tuner applications. This IC consists of a double balanced mixer (DBM), local oscillator, preamplifier for precscaler operation, IF amplifier, regulator, UHF/VHF switching circuit, and so on. This one-chip IC covers a wide frequency band from VHF to UHF bands. This IC is packaged in 20-pin SSOP (Shrink Small Outline Package) suitable for surface mounting.

FEATURES
• VHF to UHF bands operation.
• Low distortion CM: VHF (@fRF = 470 MHz) 96 dBµ
                                 UHF (@fRF = 890 MHz) 92 dBµ
• Supply voltage : 9 V
• Packaged in 20-pin SSOP suitable for surface mounting




Similar Part No. - UPC2797

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB-E3 NEC-UPC2791TB-E3 Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB-E3 CEL-UPC2791TB-E3 Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB-E3-A CEL-UPC2791TB-E3-A Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Similar Description - UPC2797

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2775GR NEC-UPC2775GR Datasheet
128Kb / 16P
FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
UPC2794GS NEC-UPC2794GS Datasheet
142Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
All Band TV Tuner IC (VHF-CATV-UHF)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com