Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2797 Datasheet(PDF) 7 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 7 Page - NEC

Back Button UPC2797 Datasheet HTML 3Page - NEC UPC2797 Datasheet HTML 4Page - NEC UPC2797 Datasheet HTML 5Page - NEC UPC2797 Datasheet HTML 6Page - NEC UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC UPC2797 Datasheet HTML 10Page - NEC UPC2797 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
µPC2797GR
7
Data Sheet P11889EJ3V0DS00
STANDARD CHARACTERISTICS (Reference Values) (TA = 25
°C, VCC = 9 V)
Parameter
Symbol
Test Conditions
Value for Reference
Unit
1 % cross-modulation distortion 1
CM1
fdes = 55 MHz, fundes = fdes + 6 MHz,
100
dB
µ
Pdes = –30 dBm, fIF = 45 MHz,
Posc = –10 dBm, AM 100 kHz, 30 %
modulation, DES/CM = 46 dBc
*1
1 % cross-modulation distortion 2
CM2
fdes = 200 MHz, fundes = fdes + 6 MHz,
100
dB
µ
Pdes = –30 dBm, fIF = 45 MHz,
Posc = –10 dBm, AM 100 kHz, 30 %
modulation, DES/CM = 46 dBc
*1
1 % cross-modulation distortion 3
CM3
fdes = 470 MHz, fundes = fdes + 6 MHz,
96
dB
µ
Pdes = –30 dBm, fIF = 45 MHz,
Posc = –10 dBm, AM 100 kHz, 30 %
modulation, DES/CM = 46 dBc
*1
1 % cross-modulation distortion 4
CM4
fdes = 470 MHz, fundes = fdes + 6 MHz,
94
dB
µ
Pdes = –30 dBm, fIF = 45 MHz,
Posc = –10 dBm, AM 100 kHz, 30 %
modulation, DES/CM = 46 dBc
*1
1 % cross-modulation distortion 5
CM5
fdes = 890 MHz, fundes = fdes + 6 MHz,
92
dB
µ
Pdes = –30 dBm, fIF = 45 MHz,
Posc = –10 dBm, AM 100 kHz, 30 %
modulation, DES/CM = 46 dBc
*1
*1 By measurement circuit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com