Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2797 Datasheet(PDF) 17 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 17 Page - NEC

Back Button UPC2797 Datasheet HTML 12Page - NEC UPC2797 Datasheet HTML 13Page - NEC UPC2797 Datasheet HTML 14Page - NEC UPC2797 Datasheet HTML 15Page - NEC UPC2797 Datasheet HTML 16Page - NEC UPC2797 Datasheet HTML 17Page - NEC UPC2797 Datasheet HTML 18Page - NEC UPC2797 Datasheet HTML 19Page - NEC UPC2797 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
µPC2797GR
17
Data Sheet P11889EJ3V0DS00
ILLUSTRATION OF THE EVALUATION BOARD FOR APPLICATION CIRCUIT EXAMPLE (Back side)
1000p
4p
1p
1p
3p
47k
360p
1T363
1000p
1000p
360p
2T
1000p
27p
20T
47k
1000p
VCC
1000p
1000p
1000p 2.7k
1000p
represents cutout
1000p
47k
47k
4T
200p
10p
3p
75
47k
1.5k
82p
47k
6p
8p
1T363
×2
1000p
7T
Vtu
UB
LB
HB
A
B
0.5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com