Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2798 Datasheet (PDF) - NEC

UPC2798 Datasheet PDF - NEC
Part # UPC2798
Download  UPC2798 Download
File Size   160.85 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IF DOWN CONVERTOR IC FOR DIGITAL CATV

UPC2798 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2798 Datasheet PDF - NEC

Part # UPC2798
Download  UPC2798 Click to download

File Size   160.85 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IF DOWN CONVERTOR IC FOR DIGITAL CATV

UPC2798 Datasheet (HTML) - NEC


UPC2798 Product details

DESCRIPTION
The µPC2798GR is a Silicon monolithic IC designed for use as QAM IF down convertor for digital CATV. This IC consists of AGC amplifier, mixer, oscillator, and video amplifier.
The package is 20 pins SSOP suitable for high-density surface mount.

FEATURES
• Low distortion AGC amplifier    IIP3 = −9 dBm
• On chip IF convertor                 fin = 30 to 250 MHz
• On chip video amplifier             Vout = 3.0 VP-P (differential, @ RL = 1kΩ)
• Supply voltage: 5 V
• Packaged in 20 pins SSOP suitable for high-density surface mount.




Similar Part No. - UPC2798

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
250 MHz QAM IF DOWNCONVERTER
logo
Renesas Technology Corp
UPC2798GR RENESAS-UPC2798GR Datasheet
328Kb / 26P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2798GR-E1 RENESAS-UPC2798GR-E1 Datasheet
328Kb / 26P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
California Eastern Labs
UPC2798GR-E1-A CEL-UPC2798GR-E1-A Datasheet
236Kb / 15P
250 MHz QAM IF DOWNCONVERTER
More results


Similar Description - UPC2798

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4302F TOSHIBA-TA4302F Datasheet
258Kb / 6P
DOWN CONVERTER FOR CATV
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
IF Down Converter for Digital Broadcast
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
Downconverter IC for Digital CATV
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
For Digital CATV Down Converter IC
logo
International Rectifier
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
Downconverter IC for Digital CATV
July, 2013
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
0.6A step-down DC-DC convertor IC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com