Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP48410 Datasheet (PDF) - Intersil Corporation

HSP48410 Datasheet PDF - Intersil Corporation
Part # HSP48410
Download  HSP48410 Download
File Size   84.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Histogrammer/Accumulating Buffer

HSP48410 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP48410 Datasheet PDF - Intersil Corporation

Part # HSP48410
Download  HSP48410 Click to download

File Size   84.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Histogrammer/Accumulating Buffer

HSP48410 Datasheet (HTML) - Intersil Corporation


HSP48410 Product details

The Intersil HSP48410 is an 84 lead Histogrammer IC intended for use in image and signal analysis. The on-board memory is configured as 1024 x 24 array. This translates to a pixel resolution of 10 bits and an image size of 4k x 4k with no possibility of overflow.

Features
• 10-Bit Pixel Data
• 4k x 4k Frame Sizes
• Asynchronous Flash Clear Pin
• Single Cycle Memory Clear
• Fully Asynchronous 16 or 24-Bit Host Interface
• Generates and Stores Cumulative Distribution Function
• Look Up Table Mode
• 1024 x 24-Bit Delay Memory
• 24-Bit Three State I/O Bus
• DC to 40MHz Clock Rate

Applications
• Histogramming
• Histogram Equalization
• Image and Signal Analysis
• Image Enhancement
• RGB Video Delay Line




Similar Part No. - HSP48410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410 INTERSIL-HSP48410 Datasheet
259Kb / 11P
Histogrammer/Accumulating Buffer
July 2004
HSP48410/883 INTERSIL-HSP48410/883 Datasheet
179Kb / 10P
Histogrammer/Accumulating Buffer
May 1999
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
Histogrammer/Accumulating Buffer
May 1999
HSP48410GM-25/883 INTERSIL-HSP48410GM-25/883 Datasheet
179Kb / 10P
Histogrammer/Accumulating Buffer
May 1999
HSP48410GM-33/883 INTERSIL-HSP48410GM-33/883 Datasheet
179Kb / 10P
Histogrammer/Accumulating Buffer
May 1999
More results


Similar Description - HSP48410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
Buffer
February, 2000 ??Rev. 0
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
1024 x 24-bit Video Histogrammer
logo
Intersil Corporation
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
Histogrammer/Accumulating Buffer
May 1999
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
Buffer
March, 2006 -- Rev. 12
logo
Intersil Corporation
HSP48410 INTERSIL-HSP48410_04 Datasheet
259Kb / 11P
Histogrammer/Accumulating Buffer
July 2004
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
Buffer
logo
ON Semiconductor
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
Buffer
March, 2006 -- Rev. 12
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
Buffer
April, 2022 ??Rev. 18
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com