Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF48410 Datasheet (PDF) - LOGIC Devices Incorporated

LF48410 Datasheet PDF - LOGIC Devices Incorporated
Part # LF48410
Download  LF48410 Download
File Size   302.66 Kbytes
Page   15 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 1024 x 24-bit Video Histogrammer

LF48410 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF48410 Datasheet PDF - LOGIC Devices Incorporated

Part # LF48410
Download  LF48410 Click to download

File Size   302.66 Kbytes
Page   15 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 1024 x 24-bit Video Histogrammer

LF48410 Datasheet (HTML) - LOGIC Devices Incorporated


LF48410 Product details

DESCRIPTION
The LF48410 is capable of generating histograms and Cumulative Distribution Functions of video images. It may also be used as a look up table, a bin accumulator, a delay memory (delay and subtract also possible), or a single port RAM. The on-chip 1024 x 24-bit memory array facilitates histograms of images up to 4K x 4K pixels with a 10-bit pixel resolution.

FEATURES
❑ 40 MHz Data Input and Computation Rate
❑ 1024 x 24-bit Memory Array
❑ Histograms of Images up to 4K x 4K with 10-bit Pixel Resolution
❑ Memory Array Flash Clear
❑ User-Programmable Modes: Histogram, Histogram Accumulate, Look Up Table, Bin Accumulate, Delay Memory, Delay and Subtract, Single Port RAM
❑ Replaces Harris HSP48410
❑ 84-pin PLCC, J-Lead




Similar Part No. - LF48410

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
12 x 12-bit Alpha Mixer
More results


Similar Description - LF48410

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
logo
Advanced Linear Devices
AM27S181 ALD-AM27S181 Datasheet
201Kb / 8P
8,192-BIT (1024 X 8) BIPOLAR PROM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
DM54S287 NSC-DM54S287 Datasheet
124Kb / 4P
(256 x 4) 1024-BIT TTL PROM
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
1024-Bit (1024 x 1) Static RAMs
DM54S573 NSC-DM54S573 Datasheet
133Kb / 4P
(1024 X 4) 4096-BIT TTL PROM
logo
Intel Corporation
M2148H INTEL-M2148H Datasheet
2Mb / 5P
HIGH SPEED 1024 X BIT STATIC RAM
logo
National Semiconductor ...
DM54S387 NSC-DM54S387 Datasheet
123Kb / 4P
256 X 4 1024-Bit TTL PROM
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com