Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF48212 Datasheet (PDF) - LOGIC Devices Incorporated

LF48212 Datasheet PDF - LOGIC Devices Incorporated
Part # LF48212
Download  LF48212 Download
File Size   59.66 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12 x 12-bit Alpha Mixer

LF48212 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF48212 Datasheet PDF - LOGIC Devices Incorporated

Part # LF48212
Download  LF48212 Click to download

File Size   59.66 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12 x 12-bit Alpha Mixer

LF48212 Datasheet (HTML) - LOGIC Devices Incorporated


LF48212 Product details

DESCRIPTION
The LF48212 is a high-speed video alpha mixer capable of mixing video signals at real-time video rates. It takes two 12-bit video signals and mixes them together using an alpha mix factor. Alpha determines the weighting that each video signal receives during the mix operation.

FEATURES
❑ 50 MHz Data and Computation Rate
❑ Two’s Complement or Unsigned Operands
❑ On-board Programmable Delay Stages
❑ Programmable Output Rounding
❑ Replaces Harris HSP48212
❑ Package Styles Available:
    • 68-pin PLCC, J-Lead
    • 64-pin PQFP




Similar Part No. - LF48212

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
1024 x 24-bit Video Histogrammer
More results


Similar Description - LF48212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM62973A MOTOROLA-MCM62973A Datasheet
413Kb / 5P
4K x 12 Bit Synchronous Static RAM
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
12 x 12-bit Digital Mixer
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
12-Bit, 80-MSPS ADC and Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com