Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2249 Datasheet (PDF) - LOGIC Devices Incorporated

LF2249 Datasheet PDF - LOGIC Devices Incorporated
Part # LF2249
Download  LF2249 Download
File Size   70.37 Kbytes
Page   8 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12 x 12-bit Digital Mixer

LF2249 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF2249 Datasheet PDF - LOGIC Devices Incorporated

Part # LF2249
Download  LF2249 Click to download

File Size   70.37 Kbytes
Page   8 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12 x 12-bit Digital Mixer

LF2249 Datasheet (HTML) - LOGIC Devices Incorporated


LF2249 Product details

DESCRIPTION
The LF2249 is a high-speed digital mixer comprised of two 12-bit multipliers and a 24-bit accumulator. All multiplier inputs are user accessible, and each can be updated on every clock cycle. The LF2249 utilizes a pipelined architecture with fully registered inputs and outputs and an asynchronous three-state output enable control for optimum flexibility.

FEATURES
❑ 40 MHz Data and Computation Rate
❑ Two 12 x 12-bit Multipliers with Individual Data Inputs
❑ Separate 16-bit Input Port for Cascading Devices
❑ Independent, User-Selectable 1–16 Clock Pipeline Delay for Each Data Input
❑ User-Selectable Rounding of Products
❑ Fully Registered, Pipelined Architecture
❑ Three-State Outputs
❑ Fully TTL Compatible
❑ Replaces TRW/Raytheon/Fairchild TMC2249
❑ 120-pin PQFP




Similar Part No. - LF2249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF224 ETC-LF224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results


Similar Description - LF2249

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
12 x 12-bit Alpha Mixer
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
12-bit digital output
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com