Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2249 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF2249
Description  12 x 12-bit Digital Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2249 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF2249 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DEVICES INCORPORATED
LF2249
12 x 12-bit Digital Mixer
Video Imaging Products
08/16/2000–LDS.2249-J
2
synchronous operation between the
incoming data and all available
control functions. The LF2249 oper-
ates at a clock rate of 40 MHz over the
full commercial temperature and
supply voltage ranges.
Because of its flexibility, the LF2249 is
ideally suited for applications such as
image switching and mixing, digital
quadrature mixing and modulating,
FIR filtering, and arithmetic function
and waveform synthesis.
SIGNAL DEFINITIONS
Power
VCC and GND
+5 V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all en-
abled registers. All timing specifica-
tions are referenced to the rising edge of
CLK.
Inputs
A11-0–D11-0 — Data Inputs
A11-0–D11-0 are 12-bit data input regis-
ters. Data is latched into the input reg-
isters on the rising edge of CLK. The
contents of the input registers are
clocked into the top of the correspond-
ing 16-stage pipeline delay (pushing the
contents of the register stack down one
register position) on the next clock cycle
if the pipeline register stack is enabled.
The LSBs are A0-D0 (Figure 1a).
CAS15-0 — Cascade Data Input
CAS15-0 is the 16-bit cascade data input
port. Data is latched into the register on
the rising edge of CLK. The LSB is CAS0
(Figure 1a).
ADEL3-0
A11-0
ENA
16 : 1
4
12
12
CLK
R1
R2
R16
DETAILED VIEW OF BLOCK DIAGRAM OUTLINED AREA
10
9
8
11
76543210
2
10
2
9
2
8
–2
11
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
(Sign)
15 14 13
10
9
8
12 11
76543210
–2
23 222 221
2
18 217 216
2
20 219
2
15 214 213 212 211 210 29 28
(Sign)
FIGURE 1A.INPUT FORMATS
15 14 13
10
9
8
12 11
76543210
–2
23 222 221
2
18 217 216
2
20 219
2
15 214 213 212 211 210 29 28
(Sign)
15 14 13
10
9
8
12 11
76543210
2
15
2
14 213
2
10
2
9
2
8
2
12 211
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
FIGURE 1B.OUTPUT FORMATS
Cascade Input
Data Input
Sum Output (Upper 16 bits)
Sum Output (Lower 16 bits)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com