Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2249 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF2249
Description  12 x 12-bit Digital Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2249 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF2249 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DEVICES INCORPORATED
LF2249
12 x 12-bit Digital Mixer
Video Imaging Products
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2249-J
5
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567890123456789012
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
12345678901234567
LF2249-
40*
33
25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
40
33
25
tPWL
Clock Pulse Width, LOW
15
15
10
tPWH
Clock Pulse Width, HIGH
10
10
10
tS
Input Setup Time
8
8
7
tH
Input Hold Time
0
0
0
tD
Output Delay
17
15
14
tENA
Three-State Output Enable Delay (Note 11)
15
15
15
tDIS
Three-State Output Disable Delay (Note 11)
15
15
15
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
LF2249-
40*
33*
Symbol
Parameter
Min
Max
Min
Max
tCYC
Cycle Time
40
33
tPWL
Clock Pulse Width, LOW
15
15
tPWH
Clock Pulse Width, HIGH
10
10
tS
Input Setup Time
8
8
tH
Input Hold Time
0
0
tD
Output Delay
17
15
tENA
Three-State Output Enable Delay (Note 11)
15
15
tDIS
Three-State Output Disable Delay (Note 11)
15
15
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
CLK
tH
tDIS
A11-0 – D11-0
CONTROLS
(Except OE)
S15-0*
N
tS
N + 1
tENA
HIGH IMPEDANCE
tPWH
tPWL
tD
SN
SN + 1
SN + 2
12
3
6
7
8
OE
N + 2
*Assumes ADEL–DDEL = 0000
SWITCHING WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com