Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2249 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF2249
Description  12 x 12-bit Digital Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2249 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF2249 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2249 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEVICES INCORPORATED
LF2249
12 x 12-bit Digital Mixer
Video Imaging Products
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2249-J
1
u
u
u
u
u 40 MHz Data and Computation Rate
u
u
u
u
u Two 12 x 12-bit Multipliers with
Individual Data Inputs
u
u
u
u
u Separate 16-bit Input Port for
Cascading Devices
u
u
u
u
u Independent, User-Selectable 1–16
Clock Pipeline Delay for Each Data
Input
u
u
u
u
u User-Selectable Rounding of Products
u
u
u
u
u Fully Registered, Pipelined
Architecture
u
u
u
u
u Three-State Outputs
u
u
u
u
u Fully TTL Compatible
u
u
u
u
u Replaces TRW/Raytheon/Fairchild
TMC2249
u
u
u
u
u 120-pin PQFP
The LF2249 is a high-speed digital
mixer comprised of two 12-bit
multipliers and a 24-bit accumulator.
All multiplier inputs are user acces-
sible, and each can be updated on
every clock cycle. The LF2249 utilizes
a pipelined architecture with fully
registered inputs and outputs and an
asynchronous three-state output
enable control for optimum flexibility.
Independent input register clock
enables allow the user to hold the
data inputs over multiple clock cycles.
Each multiplier input also includes a
user-selectable 1-16 clock pipeline
delay. The output of each multiplier
can be independently negated under
NEG1
S15-0
16
RND
FT
CAS15-0
CASEN
SWAP
OE
4
4
3
24
16
2 : 1
2 : 1
16
2's COMP
1–16
1–16
ADEL3-0 A11-0
ENA
BDEL3-0 B11-0
ENB
2's COMP
1–16
1–16
CDEL3-0 C11-0
ENC
DDEL3-0 D11-0
END
4
4
NEG2
ACC
CLK
NOTE: NUMBERS IN REGISTERS INDICATED
NUMBER OF PIPELINE DELAYS.
16
10
0
1
16
MS
LS
FEATURES
DESCRIPTION
LF2249
12 x 12-bit Digital Mixer
user control for subtraction of prod-
ucts. The sum of the products can
also be internally rounded to 16 bits
during the accumulation process.
A separate 16-bit input port con-
nected to the accumulator is included
to allow cascading of multiple
LF2249s. Access to all 24 bits of the
accumulator is gained by switching
between upper or lower 16-bit words.
The accumulated output data is
updated on every clock cycle.
All inputs and outputs of the LF2249
are registered on the rising edge of
clock, except for OE. Internal pipeline
registers for all data and control
inputs are provided to maintain
DEVICES INCORPORATED
LF2249 BLOCK DIAGRAM


Similar Part No. - LF2249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF224 ETC-LF224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results

Similar Description - LF2249

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
12 x 12-bit Alpha Mixer
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
12-bit digital output
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com