Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50215VC Datasheet (PDF) - Intersil Corporation

HSP50215VC Datasheet PDF - Intersil Corporation
Part # HSP50215VC
Download  HSP50215VC Download
File Size   157.03 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital UpConverter

HSP50215VC Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50215VC Datasheet PDF - Intersil Corporation

Part # HSP50215VC
Download  HSP50215VC Click to download

File Size   157.03 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital UpConverter

HSP50215VC Datasheet (HTML) - Intersil Corporation


HSP50215VC Product details

The HSP50215 Digital UpConverter (DUC) is a QASK/FM modulator/FDM upconverter designed for high dynamic range applications such as cellular basestations. The DUC combines shaping and interpolation filters, a complex modulator, and Timing and Carrier NCO’s into a single package. Each DUC can create a single FDM channel. Multiple DUC’s can be cascaded digitally for multi-channel applications.

Features
• Output Sample Rates Up to 52 MSPS (48 MSPS Industrial); Input Data Rates Up to 3.25 MSPS
• I/Q Vector, FM, and Shaped FM Modulation Formats
• 32-Bit Programmable Carrier NCO; 30-Bit Programmable Symbol Timing NCO
• Programmable I and Q, 256 Tap, Shaping FIR Filters with Interpolation by 4, 8 or 16
• Interpolation Filter Up Samples Shaping Filter Output to Output Sample Rate Under NCO Control
• Processing Capable of >90dB SFDR
• Cascade Input for Multiple Channel Transmissions
• 16-Bit µProcessor Interface for Configuration and User Data Input

Applications
• Single or Multiple Channel Digital Software Radio Transmitters (Wide-Band or Narrow-Band)
• Base Station Transceivers
• Operates with HSP50214 in Software Radio Solutions
• Compatible with the HI5741 D/A Converter
• HSP50215EVAL Evaluation Board Available




Similar Part No. - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
882Kb / 45P
DSP Modulator Evaluation Board
1999 01
HSP50215EVAL INTERSIL-HSP50215EVAL Datasheet
882Kb / 45P
DSP Modulator Evaluation Board
1999 01
More results


Similar Description - HSP50215VC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
429Kb / 32P
CMOS 200 MHz Quadrature Digital Upconverter
REV.B
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5318 TI-GC5318 Datasheet
553Kb / 45P
HIGH-DENSITY DIGITAL UPCONVERTER
logo
Analog Devices
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
logo
Texas Instruments
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Analog Devices
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com