Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7113-1A Datasheet (PDF) - Renesas Technology Corp

PS7113-1A Datasheet PDF - Renesas Technology Corp
Part # PS7113-1A
Download  PS7113-1A Download
File Size   234.5 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT

PS7113-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7113-1A Datasheet PDF - Renesas Technology Corp

Part # PS7113-1A
Download  PS7113-1A Click to download

File Size   234.5 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT

PS7113-1A Datasheet (HTML) - Renesas Technology Corp


PS7113-1A Product details

DESCRIPTION
The PS7113-1A, -2A and PS7113L-1A, -2A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7113L-1A, -2A have a surface mount type lead.

FEATURES
• 1 channel type (1 a output) or 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6, 8-pin DIP)
• Low offset voltage
• Ordering number of taping product : PS7113L-1A-E3, E4: 1 000 pcs/reel
                                                          : PS7113L-2A-E3, E4: 1 000 pcs/reel
• Pb-Free product
• Safety standards
    • UL approved: File No. E72422
    • BSI approved: No. 8245/8246
• CSA approved: No. CA 101391

APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment




Similar Part No. - PS7113-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A Datasheet
241Kb / 16P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A-A CEL-PS7113-1A-A Datasheet
209Kb / 14P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results


Similar Description - PS7113-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A Datasheet
226Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com