Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWB3163-EVAL Datasheet (PDF) - Intersil Corporation

HWB3163-EVAL Datasheet PDF - Intersil Corporation
Part # HWB3163-EVAL
Download  HWB3163-EVAL Download
File Size   127.96 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PRISM II??11Mbps Wireless Local Area Network PC Card

HWB3163-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
HWB3163-EVAL Datasheet PDF - Intersil Corporation

Part # HWB3163-EVAL
Download  HWB3163-EVAL Click to download

File Size   127.96 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PRISM II??11Mbps Wireless Local Area Network PC Card

HWB3163-EVAL Datasheet (HTML) - Intersil Corporation


HWB3163-EVAL Product details

The Intersil HWB3163 WLAN PC Card (Note 1) is a complete wireless high speed Network Interface Card (NIC) utilizing the Intersil PRISM II Direct Sequence Spread Spectrum Wireless Transceiver chip set. It provides a complete evaluation platform of hardware and software to system providers or integrators requiring wireless data communications capability and is ideal for integration into computer platforms.

Features
• FCC Certified Under Part 15 to Operate in 2.4GHz ISM Band (Approval Pending)
• Support for 11, 5.5, 2 and 1 Megabit Per Second (Mbps) Data Rates
• Supports the lEEE 802.11 Direct Sequence Specification
• Driver Supports Microsoft® Windows® 95, 98, 2000, NT, CE and LINUX®
• Integrated Microstrip Dual Diversity Antennas
• Advanced RAKE Receiver Design with AGC
• Uses 50% of the Power of Previous Devices
• Provides Wireless Data Communications at Full Ethernet Speed
• Completely Covered Assembly is Designed to Fully Support PCMCIA Type II Defined Mechanical and Environmental Stress Conditions
• Intelligent Power Control, Including Low Power Standby Mode
• Complete Reference Design, the HWB3163-CD Available to Ensure Minimum Time-to-Market




Similar Part No. - HWB3163-EVAL

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HWB-1790 BUD-HWB-1790 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
HWB-1790 BUD-HWB-1790 Datasheet
42Kb / 1P
HINGED WALL MOUNT BRACKET
HWB-1791 BUD-HWB-1791 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
HWB-1792 BUD-HWB-1792 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
HWB-2790 BUD-HWB-2790 Datasheet
71Kb / 1P
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
More results


Similar Description - HWB3163-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
PRISM 11Mbps Wireless Local Area Network Access Point
February 2003
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
February 2003
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
PRISM 3 11Mbps Wireless Local Area Network PCMCIA
February 2003
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
PRISM 3 11 Mbps Wireless Local Area Network miniPCI
February 2003
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
PRISM 2.5 11Mbps Wireless Local Area Network PC Card
December 2001
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
December 2001
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
January 2003
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
PRISM 54Mbps Wireless Local Area Network Access Point
August 2003
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
OEM Wireless Local Area Network PC Card
November 1998
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
Wireless Local Area Network PC Card
November 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com