Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRISM1BRDA Datasheet (PDF) - Intersil Corporation

PRISM1BRDA Datasheet PDF - Intersil Corporation
Part # PRISM1BRDA
Download  PRISM1BRDA Download
File Size   75.38 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description OEM Wireless Local Area Network PC Card

PRISM1BRDA Datasheet (PDF)

Go To PDF Page Download Datasheet
PRISM1BRDA Datasheet PDF - Intersil Corporation

Part # PRISM1BRDA
Download  PRISM1BRDA Click to download

File Size   75.38 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description OEM Wireless Local Area Network PC Card

PRISM1BRDA Datasheet (HTML) - Intersil Corporation


PRISM1BRDA Product details

OEM Wireless Local Area Network PC Card

The Intersil OEM WLAN PC Card (Note 1) is a complete wireless high speed modem utilizing the Intersil PRISM™ Direct Sequence Spread Spectrum Wireless Transceiver chip set. This card is made available to OEM’s (Original Equipment Manufacturers) intending to private label or integrate the product. It provides a sophisticated turnkey solution of hardware and software to system providers or integrators requiring wireless data communications capability and is ideal for integration into computer platforms.

Features
• FCC Certified Under Part 15 to Operate in 2.4GHz ISM Band
• Support for 1 and 2 Megabit Per Second (Mbps) Data Rates
• Supports the lEEE802.11 Direct Sequence Specification
• Microsoft® Windows® 95 NDlS3 and Microsoft Windows 3.1 NDIS2 Network Drivers Available (ODI Network Drivers Planned)
• Integrated Microstrip Antenna
• Microcode/BIOS are Contained in Programmable Nonvolatile Flash Memory
• Radio Range of 300 Feet in an Indoor Environment (Note 2)
• Completely Covered Assembly is Designed to Fully Support PCMCIA’s Defined Mechanical and Environmental Stress Conditions
• Intelligent Power Control, Including Low Power Standby Mode




Similar Part No. - PRISM1BRDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRISM-0700W ETC2-PRISM-0700W Datasheet
407Kb / 1P
Multitouch projective capacitive touch LCD
PRISM-0700W-START ETC2-PRISM-0700W-START Datasheet
407Kb / 1P
Multitouch projective capacitive touch LCD
logo
Intersil Corporation
PRISM24GHZCHIPSET INTERSIL-PRISM24GHZCHIPSET Datasheet
27Kb / 2P
Direct Sequence Spread Spectrum Wireless Transceiver Chip Set
August 1997
More results


Similar Description - PRISM1BRDA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
PRISM II??11Mbps Wireless Local Area Network PC Card
November 1999
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
PRISM 11Mbps Wireless Local Area Network Access Point
February 2003
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
February 2003
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
PRISM 3 11Mbps Wireless Local Area Network PCMCIA
February 2003
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
PRISM 3 11 Mbps Wireless Local Area Network miniPCI
February 2003
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
PRISM 2.5 11Mbps Wireless Local Area Network PC Card
December 2001
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
December 2001
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
January 2003
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
PRISM 54Mbps Wireless Local Area Network Access Point
August 2003
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
Wireless Local Area Network PC Card
November 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com