Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7117 Datasheet (PDF) - Intersil Corporation

ICL7117 Datasheet PDF - Intersil Corporation
Part # ICL7117
Download  ICL7117 Download
File Size   140.71 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 31/2 Digit, LCD/LED Display, A/D Converter with Display Hold

ICL7117 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7117 Datasheet PDF - Intersil Corporation

Part # ICL7117
Download  ICL7117 Click to download

File Size   140.71 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 31/2 Digit, LCD/LED Display, A/D Converter with Display Hold

ICL7117 Datasheet (HTML) - Intersil Corporation


ICL7117 Product details

Description
The Intersil ICL7116 and ICL7117 are high performance, low power, 31/2 digit, A/D converters. Included are seven segment decoders, display drivers, a reference, and a clock. The ICL7116 is designed to interface with a liquid crystal display (LCD) and includes a multiplexed backplane drive. The ICL7117 will directly drive an instrument size, light emitting diode (LED) display.

Features
• HOLD Reading Input Allows Indefinite Display Hold
• Guaranteed Zero Reading for 0V Input
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• Direct Display Drive
   - LCD ICL7116
   - LED lCL7117
• Low Noise - Less Than 15µVP-P (Typ)
• On Chip Clock and Reference
• Low Power Dissipation - Typically Less Than 10mW
• No Additional Active Circuits Required
• Surface Mount Package Available




Similar Part No. - ICL7117

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7117 INTERSIL-ICL7117 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICL7117C/D MAXIM-ICL7117C/D Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
ICL7117C/D MAXIM-ICL7117C/D Datasheet
411Kb / 8P
3쩍 Digit ADCs with Display Hold
2017
logo
Intersil Corporation
ICL7117CDL INTERSIL-ICL7117CDL Datasheet
6Mb / 180P
Data Acquisition
logo
Maxim Integrated Produc...
ICL7117CJL MAXIM-ICL7117CJL Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
More results


Similar Description - ICL7117

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
Low Power, 31?? Digit A/D Converter with Display Hold
2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com