Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC815 Datasheet (PDF) - Microchip Technology

TC815 Datasheet PDF - Microchip Technology
Part # TC815
Download  TC815 Download
File Size   595.14 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function

TC815 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC815 Datasheet PDF - Microchip Technology

Part # TC815
Download  TC815 Click to download

File Size   595.14 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function

TC815 Datasheet (HTML) - Microchip Technology


TC815 Product details

General Description
The TC815 is a 3-1/2 digit integrating analog-to-digital converter with triplex LCD display drive and automatic ranging. A display hold function is on-chip. Input voltage/ohm attenuators ranging from 1 to 1/10,000 are automatically selected. Five full scale ranges are provided. The CMOS TC815 contains all the logic and analog switches needed to manufacture an autoranging instrument for ohms and voltage measurements.

Features
• Auto-Range Operation for AC and DC Voltage and Resistance Measurements
    - Two User Selected AC/DC Current Ranges 20mA and 200mA
• 22 Operating Ranges
    - 9 DC/AC Voltage
    - 4 AC/DC Current
    - 9 Resistance and Low Power Ohms
• Display HOLD Function
• 3-1/2 Digit Resolution in Auto-Range Mode:
    - 1/2000
• Extended Resolution in Manual Mode: 1/3000
• Memory Mode for Relative Measurements:
    - ±5% F.S.
• Internal AC to DC Conversion Op Amp
• Triplex LCD Drive for Decimal Points, Digits and Annunciators
• Continuity Detection and Piezoelectric Transducer Driver
• Compact Surface Mounted 64-pin Plastic Flat Package
• Low Drift Internal Reference: 75ppm/°C
• 9V Battery Operation: 10mW
• Low Battery Detection and LCD Annunciator




Similar Part No. - TC815

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results


Similar Description - TC815

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com